Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download 3232EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n t rue +3.0v to +5.5v rs-232 transceivers sp3222e/3232e description meets true eia/tia-232-f standards from a +3.0v to +5.5v power supply minimum 120kbps data rate under full load 1 a low-power shutdown with receivers active ( sp3222e ) interoperable with rs-232 down to +2.7v power source enhanced esd specifications: 15kv human body model 15kv iec1000-4-2 air discharge 8kv iec1000-4-2 contact discharge the sp3222e/3232e series is an rs-232 transceiver solution intended for portable or hand- held applications such as notebook or palmtop computers. the sp3222e/3232e series has a high-efficiency, charge-pump power supply that requires only 0.1 f capacitors in 3.3v operation. this charge pump allows the sp3222e/3232e series to deliver true rs-232 performance from a single power supply ranging from +3.3v to +5.0v. the sp3222e/3232e are 2-driver/2-receiver devices. this series is ideal for portable or hand-held applications such as notebook or palmtop computers. the esd tolerance of the sp3222e/3232e devices are over 15kv for both human body model and iec1000-4-2 air discharge test methods. the sp3222e device has a low-power shutdown mode where the devices' driver outputs and charge pumps are disabled. during shutdown, the supply current falls to less than 1 a. selection table l e d o ms e i l p p u s r e w o p 2 3 2 - s r s r e v i r ds r e v i r d s r e v i r d s r e v i r ds r e v i r d 2 3 2 - s r s r e v i e c e rs r e v i e c e r s r e v i e c e r s r e v i e c e rs r e v i e c e r l a n r e t x e s t n e n o p m o cs t n e n o p m o c s t n e n o p m o c s t n e n o p m o cs t n e n o p m o c n w o d t u h s l t t e t a t s - 3e t a t s - 3 e t a t s - 3 e t a t s - 3e t a t s - 3 f o . o n s n i ps n i p s n i p s n i ps n i p 2 2 2 3 p s v 5 . 5 + o t v 0 . 3 +224s e ys e y0 2 , 8 1 2 3 2 3 p s v 5 . 5 + o t v 0 . 3 +224o no n6 1
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 2 r e t e m a r a p. n i m. p y t. x a ms t i n us n o i t i d n o c s c i t s i r e t c a r a h c c d t n e r r u c y l p p u s3 . 00 . 1a mt , d a o l o n b m a 5 2 + = o v , c c c v 3 . 3 = t n e r r u c y l p p u s n w o d t u h s0 . 10 1 a, d n g = n d h st b m a 5 2 + = o v , c c c v 3 . 3 + = s t u p t u o r e v i e c e r d n a s t u p n i c i g o l w o l d l o h s e r h t c i g o l t u p n i8 . 0v 2 e t o n , n d h s , n e , n i x t h g i h d l o h s e r h t c i g o l t u p n i0 . 2 4 . 2 vv c c 2 e t o n , v 3 . 3 = v c c 2 e t o n , v 0 . 5 = t n e r r u c e g a k a e l t u p n i1 0 . 0 ? . 1 a, n d h s , n e , n i x tt b m a 5 2 + = o c t n e r r u c e g a k a e l t u p t u o5 0 . 0 ? 1 ad e l b a s i d s r e v i e c e r w o l e g a t l o v t u p t u o4 . 0vi t u o a m 6 . 1 = h g i h e g a t l o v t u p t u ov c c 6 . 0 -v c c 1 . 0 -vi t u o a m 0 . 1 - = s t u p t u o r e v i r d g n i w s e g a t l o v t u p t u o0 . 5 ? . 5 ?k 3 ? , s t u p t u o r e v i r d l l a t a d n u o r g o t d a o l t b m a 5 2 + = o c e c n a t s i s e r t u p t u o0 0 3 ? v c c t , v 0 = - v = + v = t u o =+ v 2 t n e r r u c t i u c r i c - t r o h s t u p t u o5 3 0 7 0 6 0 0 1 a m a m v t u o v 0 = v t u o =+ v 5 1 t n e r r u c e g a k a e l t u p t u o5 2 av t u o =+ v , v 2 1 c c d e l b a s i d s r e v i r d , v 5 . 5 o t v 0 = note 1 : v+ and v- can have maximum magnitudes of 7v, but their absolute difference cannot exceed 13v. absolute maximum ratings these are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent damage to the device. v cc ................................................................-0.3v to +6.0v v+ (note 1)................................................-0.3v to +7.0v v- (note 1)................................................+0.3v to -7.0v v+ + |v-| (note 1)....................................................+13v i cc (dc v cc or gnd current)................................. 100 ma input voltages txin, en ................................................... -0.3v to +6.0v rxin .......................................................................... 15v output voltages txout ...................................................................... 15v rxout ........................................... -0.3v to (v cc + 0.3v) short-circuit duration txout ............................................................ continuous storage temperature .............................. -65 c to +150 c power dissipation per package 20-pin ssop (derate 9.25mw/ o c above +70 o c) ..... 750mw 18-pin pdip (derate 15.2mw/ o c above +70 o c) .... 1220mw 18-pin soic (derate 15.7mw/ o c above +70 o c) ... 1260mw 20-pin tssop (derate 11.1mw/ o c above +70 o c) .. 890mw 16-pin ssop (derate 9.69mw/ o c above +70 o c) ..... 775mw 16-pin pdip (derate 14.3mw/ o c above +70 o c) .... 1 150mw 16-pin wide soic (derate 11.2mw/ o c above +70 o c) 900mw 16-pin tssop (derate 10.5mw/ o c above +70 o c) .. 850mw 16- pin nsoic (derate 13.57mw/ c above +70 c) .. 1086mw specifications unless otherwise noted, the following specifications apply for v cc = +3.0v to +5.0v with t amb = t min to t max
3 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n r e t e m a r a p. n i m. p y t. x a ms t i n us n o i t i d n o c s t u p n i r e v i e c e r e g n a r e g a t l o v t u p n i5 1 -5 1 +v w o l d l o h s e r h t t u p n i6 . 0 8 . 0 2 . 1 5 . 1 vv c c v 3 . 3 = v c c v 0 . 5 = h g i h d l o h s e r h t t u p n i5 . 1 8 . 1 4 . 2 4 . 2 vv c c v 3 . 3 = v c c v 0 . 5 = s i s e r e t s y h t u p n i3 . 0v e c n a t s i s e r t u p n i357k ? s c i t s i r e t c a r a h c g n i m i t e t a r a t a d m u m i x a m0 2 15 3 2s p b kr l k 3 = ? c , l g n i h c t i w s r e v i r d e n o , f p 0 0 0 1 = y a l e d n o i t a g a p o r p r e v i r d0 . 1 0 . 1 s s t l h p r , l k 3 = ? c , l f p 0 0 0 1 = t h l p r , l k 3 = ? c , l f p 0 0 0 1 = y a l e d n o i t a g a p o r p r e v i e c e r3 . 0 3 . 0 st l h p c , t u o x r o t n i x r , l f p 0 5 1 = t h l p c , t u o x r o t n i x r , l f p 0 5 1 = e m i t e l b a n e t u p t u o r e v i e c e r0 0 2s n e m i t e l b a s i d t u p t u o r e v i e c e r0 0 2s n w e k s r e v i r d0 0 10 0 5s nt | l h p t - h l p t , | b m a 5 2 = o c w e k s r e v i e c e r0 0 20 0 0 1s nt | l h p t - h l p | e t a r w e l s n o i g e r - n o i t i s n a r t0 3/ v sv c c r , v 3 . 3 = l k 3 = ? t , b m a 5 2 = o , c v 0 . 3 + o t v 0 . 3 - m o r f n e k a t s t n e m e r u s a e m v 0 . 3 - o t v 0 . 3 + r o specifications (continued) unless otherwise noted, the following specifications apply for v cc = +3.0v to +5.0v with t amb = t min to t max . typical values apply at v cc = +3.3v or +5.0v and t amb = 25 o c. note 2: driver input hysteresis is typically 250mv.
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 4 figure 1. transmitter output voltage vs. load capacitance for the sp3222 and the sp3232 figure 2. slew rate vs. load capacitance for the sp3222 and the sp3232 figure 3. supply current vs. load capacitance when transmitting data for the sp3222 and the sp3232 typical performance characteristics unless otherwise noted, the following performance characteristics apply for v cc = +3.3v, 120kbps data rates, all drivers loaded with 3k ? , 0.1 f charge pump capacitors, and t amb = +25 c. 14 12 10 8 6 4 2 0 slew rate [v/ s] load capacitance [pf] +slew -slew 0 500 1000 1500 2000 2330 50 45 40 35 30 25 20 15 10 5 0 supply current [ma] load capacitance [pf] 118khz 60khz 10khz 0 500 1000 1500 2000 2330 6 4 2 0 -2 -4 -6 t ransmitter output voltage [v] load capacitance [pf] v out+ v out- 500 1000 1500 2000 0
5 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n e m a nn o i t c n u f r e b m u n n i p e 2 2 2 3 p s e 2 3 2 3 p s o s / p i d - / p o s s p o s s tp o s s t p o s s t p o s s tp o s s t n e . n o i t a r e p o l a m r o n r o f w o l c i g o l y l p p a . e l b a n e r e v i e c e r . ) e t a t s z - h g i h ( s t u p t u o r e v i e c e r e h t e l b a s i d o t h g i h c i g o l y l p p a 11 - + 1 c. r o t i c a p a c p m u p - e g r a h c r e l b u o d e g a t l o v e h t f o l a n i m r e t e v i t i s o p 22 1 + v. p m u p e g r a h c e h t y b d e t a r e n e g v 5 . 5 + 33 2 - 1 c. r o t i c a p a c p m u p - e g r a h c r e l b u o d e g a t l o v e h t f o l a n i m r e t e v i t a g e n 44 3 + 2 c. r o t i c a p a c p m u p - e g r a h c g n i t r e v n i e h t f o l a n i m r e t e v i t i s o p 55 4 - 2 c. r o t i c a p a c p m u p - e g r a h c g n i t r e v n i e h t f o l a n i m r e t e v i t a g e n 66 5 - v. p m u p e g r a h c e h t y b d e t a r e n e g v 5 . 5 - 77 6 t u o 1 t. t u p t u o r e v i r d 2 3 2 - s r 5 17 14 1 t u o 2 t. t u p t u o r e v i r d 2 3 2 - s r 88 7 n i 1 r. t u p n i r e v i e c e r 2 3 2 - s r 4 16 13 1 n i 2 r. t u p n i r e v i e c e r 2 3 2 - s r 99 8 t u o 1 r. t u p t u o r e v e i c e r s o m c / l t t 3 15 12 1 t u o 2 r. t u p t u o r e v e i c e r s o m c / l t t 0 10 19 n i 1 t. t u p n i r e v i r d s o m c / l t t 2 13 11 1 n i 2 t. t u p n i r e v i r d s o m c / l t t 1 12 10 1 d n g. d n u o r g 6 18 15 1 v c c e g a t l o v y l p p u s v 5 . 5 + o t v 0 . 3 + 7 19 16 1 n d h s . n o i t a r e p o e c i v e d l a m r o n r o f h g i h e v i r d . t u p n i l o r t n o c n w o d t u h s - n o e h t d n a ) t u p t u o z - h g i h ( s r e v i r d e h t n w o d t u h s o t w o l e v i r d . y l p p u s r e w o p d r a o b 8 10 2- . c . n. t c e n n o c o n -4 1 , 1 1- table 1. device pin description
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 6 v- 1 2 3 4 13 14 15 16 5 6 7 12 11 10 c1+ v+ c1- c2+ c2- r1in r2in gnd v cc t1out t2in 8 9 sp3232e t1in r1out r2out t2out figure 5. pinout configuration for the sp3232e figure 4. pinout configurations for the sp3222e v- 1 2 3 4 17 18 19 20 5 6 7 16 15 14 shdn c1+ v+ c1- c2+ c2- n.c. en r1in gnd v cc t1out n.c. 8 9 10 11 12 13 r2in r2out sp3222e t2out t1in t2in r1out ssop/tssop v- 1 2 3 4 15 16 17 18 5 6 7 14 13 12 shdn c1+ v+ c1- c2+ c2- en r1in gnd v cc t1out 8 9 10 11 r2in sp3222e t2out t2in t1in r1out dip/so r2out
7 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n sp3232e 1 3 5 4 2 6 16 gnd t1in t2in t1out t2out c1+ c1- c2+ c2- v+ v- v cc 11 10 0.1 f 0.1 f 0.1 f + c2 c5 c1 + + *c3 c4 + + 0.1 f 0.1 f 14 7 rs-232 outputs rs-232 inputs logic inputs v cc 15 5k ? r1in r1out 12 13 5k ? r2in r2out 9 8 logic outputs *can be returned to either v cc or gnd figure 6. sp3222e typical operating circuits figure 7. sp3232e typical operating circuit sp3222e 2 4 6 5 3 7 19 gnd t1in t2in t1out t2out c1+ c1- c2+ c2- v+ v- v cc 13 12 0.1 f 0.1 f 0.1 f + c2 c5 c1 + + *c3 c4 + + 0.1 f 0.1 f 8 17 rs-232 outputs rs-232 inputs logic inputs v cc 18 1 5k ? r1in r1out 15 9 5k ? r2in r2out 10 16 logic outputs en 20 shdn *can be returned to either v cc or gnd ssop tssop sp3222e 2 4 6 5 3 7 17 gnd t1in t2in t1out t2out c1+ c1- c2+ c2- v+ v- v cc 12 11 0.1 f 0.1 f 0.1 f + c2 c5 c1 + + *c3 c4 + + 0.1 f 0.1 f 8 15 rs-232 outputs rs-232 inputs logic inputs v cc 16 1 5k ? r1in r1out 13 9 5k ? r2in r2out 10 14 logic outputs en 18 shdn *can be returned to either v cc or gnd dip/so
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 8 description the sp3222e/3232e transceivers meet the eia/ tia-232 and v.28/v.24 communication proto- cols and can be implemented in battery-pow- ered, portable, or hand-held applications such as notebook or palmtop computers. the sp3222e/ 3232e devices all feature sipex's proprietary on-board charge pump circuitry that generates 2 x v cc for rs-232 voltage levels from a single +3.0v to +5.5v power supply. this series is ideal for +3.3v-only systems, mixed +3.3v to +5.5v systems, or +5.0v-only systems that re- quire true rs-232 performance. the sp3222e/ 3232e series have drivers that operate at a typi- cal data rate of 235kbps fully loaded. the sp3222e and sp3232e are 2-driver/2-re- ceiver devices ideal for portable or hand-held applications. the sp3222e features a 1 a shutdown mode that reduces power consump- tion and extends battery life in portable systems. its receivers remain active in shutdown mode, allowing external devices such as modems to be monitored using only 1 a supply current. theory of operation the sp3222e/3232e series are made up of three basic circuit blocks: 1. drivers, 2. receivers, and 3. the sipex proprietary charge pump. drivers the drivers are inverting level transmitters that convert ttl or cmos logic levels to 5.0v eia/tia-232 levels inverted relative to the in- put logic levels. typically, the rs-232 output voltage swing is 5.5v with no load and at least 5v minimum fully loaded. the driver outputs are protected against infinite short-circuits to ground without degradation in reliability. driver outputs will meet eia/tia-562 levels of 3.7v with supply voltages as low as 2.7v. the drivers typically can operate at a data rate of 235kbps. the drivers can guarantee a data rate of 120kbps fully loaded with 3k ? in parallel with 1000pf, ensuring compatibility with pc-to-pc communication software. the slew rate of the driver output is internally limited to a maximum of 30v/ s in order to meet the eia standards (eia rs-232d 2.1.7, para- graph 5). the transition of the loaded output from high to low also meets the monotonic- ity requirements of the standard. the sp3222e/3232e drivers can maintain high data rates up to 235kbps fully loaded. figure 8 shows a loopback test circuit used to test the rs-232 drivers. figure 9 shows the test results of the loopback circuit with all drivers active at 120kbps with rs-232 loads in parallel with 1000pf capacitors. figure 10 shows the test results where one driver was active at 235kbps and all drivers loaded with an rs-232 receiver in parallel with a 1000pf capacitor. a solid rs-232 data transmission rate of 120kbps provides compatibility with many designs in personal computer peripherals and lan applications. the sp3222e driver's output stages are turned off (tri-state) when the device is in shutdown mode. when the power is off, the sp3222e device permits the outputs to be driven up to 12v. the driver's inputs do not have pull-up resistors. designers should connect unused inputs to v cc or gnd. in the shutdown mode, the supply current falls to less than 1 a, where shdn = low. when the sp3222e device is shut down, the device's driver outputs are disabled (tri-stated) and the charge pumps are turned off with v+ pulled down to v cc and v- pulled to gnd. the time required to exit shutdown is typically 100 s. connect shdn to v cc if the shutdown mode is not used. shdn has no effect on rxout or rxoutb. as they become active, the two driver outputs go to opposite rs-232 levels where one driver input is high and the other low. note that the drivers are enabled only when the magnitude of v- exceeds approximately 3v.
9 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n figure 9. driver loopback test results at 120kbps figure 10. driver loopback test results at 235kbps figure 8. sp3222e/3232e driver loopback test circuit sp3222e sp3232e gnd txin txout c1+ c1- c2+ c2- v+ v- v cc 0.1 f 0.1 f 0.1 f + c2 c5 c1 + + c3 c4 + + 0.1 f 0.1 f logic inputs v cc 5k ? rxin rxout logic outputs en *shdn 1000pf v cc * sp3222 only 3 1 2 t t t t [] t1 in t1 out r1 out ch1 ch3 5.00v ch2 5.00v m 5.00 s ch1 0v 5.00v 3 1 2 t t t t [] t1 in t1 out r1 out ch1 ch3 5.00v ch2 5.00v m 2.50 s ch1 0v 5.00v
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 10 receivers the receivers convert eia/tia-232 levels to ttl or cmos logic output levels. all receivers have an inverting tri-state output. these receiver outputs (rxout) are tri-stated when the enable control en = high. in the shutdown mode, the receivers can be active or inactive. en has no effect on txout. the truth table logic of the sp3222e/3232e driver and receiver outputs can be found in table 2 . since receiver input is usually from a transmis- sion line where long cable lengths and system interference can degrade the signal, the inputs have a typical hysteresis margin of 300mv. this ensures that the receiver is virtually immune to noisy transmission lines. should an input be left unconnected, a 5k ? pulldown resistor to ground will commit the output of the receiver to a high state. charge pump the charge pump is a sipex ?atented design (5,306,954) and uses a unique approach com- pared to older less?fficient designs. the charge pump still requires four external capacitors, but uses a four?hase voltage shifting technique to attain symmetrical 5.5v power supplies. the internal power supply consists of a regulated dual charge pump that provides output voltages 5.5v regardless of the input voltage (v cc ) over the +3.0v to +5.5v range. in most circumstances, decoupling the power supply can be achieved adequately using a 0.1 f bypass capacitor at c5 (refer to figures 6 and 7 ). in applications that are sensitive to power-sup- ply noise, decouple v cc to ground with a capaci- tor of the same value as charge-pump capacitor c1. physically connect bypass capacitors as close to the ic as possible. the charge pumps operate in a discontinuous mode using an internal oscillator. if the output voltages are less than a magnitude of 5.5v, the charge pumps are enabled. if the output voltage exceed a magnitude of 5.5v, the charge pumps are disabled. this oscillator controls the four phases of the voltage shifting. a description of each phase follows. phase 1 ?v ss charge storage ?during this phase of the clock cycle, the positive side of capacitors c 1 and c 2 are initially charged to v cc . c l + is then switched to gnd and the charge in c 1 is trans- ferred to c 2 . since c 2 + is connected to v cc , the voltage potential across capacitor c 2 is now 2 times v cc . phase 2 ?v ss transfer ?phase two of the clock con- nects the negative terminal of c 2 to the v ss storage capacitor and the positive terminal of c 2 to gnd. this transfers a negative generated voltage to c 3 . this generated voltage is regu- lated to a minimum voltage of -5.5v. simulta- neous with the transfer of the voltage to c 3 , the positive side of capacitor c 1 is switched to v cc and the negative side is connected to gnd. phase 3 ?v dd charge storage ?the third phase of the clock is identical to the first phase ?the charge transferred in c 1 produces ? cc in the negative terminal of c 1 , which is applied to the negative side of capacitor c 2 . since c 2 + is at v cc , the voltage potential across c 2 is 2 times v cc . table 2. truth table logic for shutdown and enable control n d h sn et u o x tt u o x r 00 e t a t s - i r te v i t c a 01 e t a t s - i r te t a t s - i r t 10 e v i t c ae v i t c a 11 e v i t c ae t a t s - i r t
11 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n phase 4 ?v dd transfer ?the fourth phase of the clock connects the negative terminal of c 2 to gnd, and transfers this positive generated voltage across c 2 to c 4 , the v dd storage capacitor. this voltage is regulated to +5.5v. at this voltage, the internal oscillator is disabled. simultaneous with the transfer of the voltage to c 4 , the positive side of capacitor c 1 is switched to v cc and the negative side is connected to gnd, allowing the charge pump cycle to begin again. the charge pump cycle will continue as long as the opera- tional conditions for the internal oscillator are present. since both v + and v are separately generated from v cc ; in a no?oad condition v + and v will be symmetrical. older charge pump approaches that generate v from v + will show a decrease in the magnitude of v compared to v + due to the inherent inefficiencies in the design. the clock rate for the charge pump typically operates at 250khz. the external capacitors can be as low as 0.1 f with a 16v breakdown voltage rating. esd tolerance the sp3222e/3232e series incorporates ruggedized esd cells on all driver output and receiver input pins. the esd structure is improved over our previous family for more rugged applications and environments sensitive to electro-static discharges and associated transients. the improved esd tolerance is at least 15kv without damage nor latch-up. there are different methods of esd testing applied: a) mil-std-883, method 3015.7 b) iec1000-4-2 air-discharge c) iec1000-4-2 direct contact the human body model has been the generally accepted esd testing method for semiconduc- tors. this method is also specified in mil-std- 883, method 3015.7 for esd testing. the premise of this esd test is to simulate the human body? potential to store electro-static energy and discharge it to an integrated circuit. the simulation is performed by using a test model as shown in figure 17 . this method will test the ic? capability to withstand an esd transient during normal handling such as in manufacturing areas where the ics tend to be handled frequently. the iec-1000-4-2, formerly iec801-2, is generally used for testing esd on equipment and systems. for system manufacturers, they must guarantee a certain amount of esd protection since the system itself is exposed to the outside environment and human presence. the premise with iec1000-4-2 is that the system is required to withstand an amount of static electricity when esd is applied to points and surfaces of the equipment that are accessible to personnel during normal usage. the transceiver ic receives most of the esd current when the esd source is applied to the connector pins. the test circuit for iec1000-4-2 is shown on figure 18 . there are two methods within iec1000-4-2, the air discharge method and the contact discharge method. with the air discharge method, an esd voltage is applied to the equipment under test (eut) through air. this simulates an electrically charged person ready to connect a cable onto the rear of the system only to find an unpleasant zap just before the person touches the back panel. the high energy potential on the person discharges through an arcing path to the rear panel of the system before he or she even touches the system. this energy, whether discharged directly or through air, is predominantly a function of the discharge current rather than the discharge voltage. variables with an air discharge such as approach speed of the object carrying the esd potential to the system and humidity will tend to change the discharge current. for example, the rise time of the discharge current varies with the approach speed.
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 12 v cc = +5v ?v ?v +5v v ss storage capacitor v dd storage capacitor c 1 c 2 c 3 c 4 + + ++ figure 12. charge pump ?phase 1 figure 13. charge pump ?phase 2 v cc = +5v ?0v v ss storage capacitor v dd storage capacitor c 1 c 2 c 3 c 4 + + ++ figure 14. charge pump waveforms figure 15. charge pump ?phase 3 v cc = +5v ?v +5v ?v v ss storage capacitor v dd storage capacitor c 1 c 2 c 3 c 4 + + ++ v cc = +5v +10v v ss storage capacitor v dd storage capacitor c 1 c 2 c 3 c 4 + + ++ figure 16. charge pump ?phase 4 ch1 2.00v ch2 2.00v m 1.00 s ch1 5.48v 2 1 t t [] t +6v a) c 2+ b) c 2 - gnd gnd -6v
13 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n the contact discharge method applies the esd current directly to the eut. this method was devised to reduce the unpredictability of the esd arc. the discharge current rise time is constant since the energy is directly transferred without the air-gap arc. in situations such as hand held systems, the esd charge can be directly discharged to the equipment from a person already holding the equipment. the current is transferred on to the keypad or the serial port of the equipment directly and then travels through the pcb and finally to the ic. the circuit models in figures 17 and 18 represent the typical esd testing circuits used for all three methods. the c s is initially charged with the dc power supply when the first switch (sw1) is on. now that the capacitor is charged, the second switch (sw2) is on while sw1 switches off. the voltage stored in the capacitor is then applied through r s , the current limiting resistor, onto the device under test (dut). in esd tests, the sw2 switch is pulsed so that the device under test receives a duration of voltage. r c c s r s sw1 sw2 r c device under t est dc power source c s r s sw1 sw2 figure 17. esd test circuit for human body model r s and r v add up to 330 ? f or iec1000-4-2. r s and r v add up to 330 ? for iec1000-4-2. contact-discharge module r v r c c s r s sw1 sw2 r c device under te s t dc power source c s r s sw1 sw2 r v contact-discharge module figure 18. esd test circuit for iec1000-4-2
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 14 figure 19. esd test waveform for iec1000-4-2 30a i ? 0a 15a t=30ns t ? t=0ns for the human body model, the current limiting resistor (r s ) and the source capacitor (c s ) are 1.5k ? an 100pf, respectively. for iec-1000-4-2, the current limiting resistor (r s ) and the source capacitor (c s ) are 330 ? an 150pf, respectively. the higher c s value and lower r s value in the iec1000-4-2 model are more stringent than the human body model. the larger storage capacitor injects a higher voltage to the test point when sw2 is switched on. the lower current limiting resistor increases the current charge onto the test point. device pin human body iec1000-4-2 tested model air discharge direct contact level driver outputs 15kv 15kv 8kv 4 receiver inputs 15kv 15kv 8kv 4 table 3. transceiver esd tolerance levels
15 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n d eh p ackage: plastic shrink small outline (ssop) dimensions (inches) minimum/maximum (mm) 20?in a a1 l b e a a1 b d e e h l 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.278/0.289 (7.07/7.33) 0.205/0.212 (5.20/5.38) 0.0256 bsc (0.65 bsc) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0 /8 (0 /8 ) 16?in 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.239/0.249 (6.07/6.33) 0.205/0.212 (5.20/5.38) 0.0256 bsc (0.65 bsc) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0 /8 (0 /8 )
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 16 d alternate end pins (both ends) d1 = 0.005" min. (0.127 min.) e pa ckage: plastic dual?n?ine (narrow) a = 0.210" max. (5.334 max). e1 c l a2 a1 = 0.015" min. (0.381min.) b b1 e = 0.100 bsc (2.540 bsc) e a = 0.300 bsc (7.620 bsc) dimensions (inches) minimum/maximum (mm) a2 b b1 c d e e1 l 16?in 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.780/0.800 (19.812/20.320) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0 / 15 (0 /15 ) 18?in 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.880/0.920 (22.352/23.368) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0 / 15 (0 /15 )
17 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n d eh p ackage: plastic small outline (soic) (wide) dimensions (inches) minimum/maximum (mm) a a1 l b e a a1 b d e e h l 16?in 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.398/0.413 (10.10/10.49) 0.291/0.299 (7.402/7.600) 0.050 bsc (1.270 bsc) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0 /8 (0 /8 ) 18?in 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.447/0.463 (11.35/11.74) 0.291/0.299 (7.402/7.600) 0.050 bsc (1.270 bsc) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0 /8 (0 /8 )
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2002 sipex corporatio n 18 d eh p ackage: plastic small outline (soic) (narrow) dimensions (inches) minimum/maximum (mm) a a1 l b e h x 45 a a1 b d e e h h l 16?in 0.053/0.069 (1.346/1.748) 0.004/0.010 (0.102/0.249) 0.013/0.020 (0.330/0.508) 0.386/0.394 (9.802/10.000) 0.150/0.157 (3.802/3.988) 0.050 bsc (1.270 bsc) 0.228/0.244 (5.801/6.198) 0.010/0.020 (0.254/0.498) 0.016/0.050 (0.406/1.270) 0 /8 (0 /8 )
19 rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ?copyright 2001 sipex corporatio n gage plane 1.0 oia e 0.169 (4.30) 0.177 (4.50) 0.252 bsc (6.4 bsc) 0?8 12?ef 0.039 (1.0) e/2 0.039 (1.0) 0.126 bsc (3.2 bsc) d 0.007 (0.19) 0.012 (0.30) 0.033 (0.85) 0.037 (0.95) 0.002 (0.05) 0.006 (0.15) 0.043 (1.10) max ( 3) 1.0 ref 0.020 (0.50) 0.026 (0.75) ( 1) 0.004 (0.09) min 0.004 (0.09) min 0.010 (0.25) ( 2) 0.008 (0.20) dimensions in inches (mm) minimum/maximum symbol 16 lead 20 lead d 0.193/0.201 0.252/0.260 (4.90/5.10) (6.40/6.60) e 0.026 bsc 0.026 bsc (0.65 bsc) (0.65 bsc) package: plastic thin small outline (tssop)
rev. 11/07/02 sp3222e/3232e true +3.0 to +5.0v rs-232 transceivers ? copyright 2002 sipex corporatio n 20 ordering information model temperature range package type sp3222eca ............................................. 0?c to +70?c .......................................... 20-pin ssop sp3222ecp ............................................. 0?c to +70?c ............................................ 18-pin pdip sp3222ect ............................................. 0?c to +70?c ........................................ 18-pin wsoic sp3222ecy ............................................. 0?c to +70?c ........................................ 20-pin tssop sp3222eea ............................................ -40?c to +85?c ........................................ 20-pin ssop sp3222eep ............................................ -40?c to +85?c .......................................... 18-pin pdip sp3222eet ............................................ -40?c to +85?c ...................................... 18-pin wsoic sp3222eey ............................................ -40?c to +85?c ...................................... 20-pin tssop sp3232eca ............................................. 0?c to +70?c .......................................... 16-pin ssop sp3232ecp ............................................. 0?c to +70?c ............................................ 16-pin pdip sp3232ect ............................................. 0?c to +70?c ........................................ 16-pin wsoic sp3232ecn ............................................. 0?c to +70?c ......................................... 16-pin nsoic sp3232ecy ............................................. 0?c to +70?c ........................................ 16-pin tssop sp3232EEa ............................................ -40?c to +85?c ........................................ 16-pin ssop sp3232EEp ............................................ -40?c to +85?c .......................................... 16-pin pdip sp3232EEt ............................................ -40?c to +85?c ...................................... 16-pin wsoic sp3232EEn ............................................ -40?c to +85?c ....................................... 16-pin nsoic sp3232EEy ............................................ -40?c to +85?c ...................................... 16-pin tssop corporation signal processing excellence sipex corporation reserves the right to make changes to any products described herein. sipex does not assume any liability aris ing out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others. sipex corporation headquarters and sales office 22 linnell circle billerica, ma 01821 tel: (978) 667-8700 fax: (978) 670-9001 e-mail: sales@sipex.com sales office 233 south hillview drive milpitas, ca 95035 tel: (408) 934-7500 fax: (408) 935-7600 please consult the factory for pricing and availability on a tape-on-reel option.


▲Up To Search▲   

 
Price & Availability of 3232EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X